Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F746VG Fiches technique(PDF) 69 Page - STMicroelectronics

No de pièce STM32F746VG
Description  Up to 168 I/O ports with interrupt capability
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746VG Fiches technique(HTML) 69 Page - STMicroelectronics

Back Button STM32F746VG Datasheet HTML 65Page - STMicroelectronics STM32F746VG Datasheet HTML 66Page - STMicroelectronics STM32F746VG Datasheet HTML 67Page - STMicroelectronics STM32F746VG Datasheet HTML 68Page - STMicroelectronics STM32F746VG Datasheet HTML 69Page - STMicroelectronics STM32F746VG Datasheet HTML 70Page - STMicroelectronics STM32F746VG Datasheet HTML 71Page - STMicroelectronics STM32F746VG Datasheet HTML 72Page - STMicroelectronics STM32F746VG Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 227 page
background image
DocID027590 Rev 4
69/227
STM32F745xx STM32F746xx
Pinouts and pin description
88
-
-
E5
124 C10 152 178
D9
PG9
I/O FT
-
SPDIFRX_IN3,
USART6_RX,
QUADSPI_BK2_IO2,
SAI2_FS_B,
FMC_NE2/FMC_NCE,
DCMI_VSYNC,
EVENTOUT
-
-
-
C6
125 B10 153 179
C8
PG10
I/O FT
-
LCD_G3, SAI2_SD_B,
FMC_NE3, DCMI_D2,
LCD_B2, EVENTOUT
-
-
--
B6
126
B9
154 180
B8
PG11
I/O FT
-
SPDIFRX_IN0,
ETH_MII_TX_EN/ETH_R
MII_TX_EN, DCMI_D3,
LCD_B3, EVENTOUT
-
-
-
A6
127
B8
155 181
C7
PG12
I/O FT
-
LPTIM1_IN1,
SPI6_MISO,
SPDIFRX_IN1,
USART6_RTS, LCD_B4,
FMC_NE4, LCD_B1,
EVENTOUT
-
-
-
D6
128
A8
156 182
B3
PG13
I/O FT
-
TRACED0, LPTIM1_OUT,
SPI6_SCK,
USART6_CTS,
ETH_MII_TXD0/ETH_RM
II_TXD0, FMC_A24,
LCD_R0, EVENTOUT
-
-
-
F6
129
A7
157 183
A4
PG14
I/O FT
-
TRACED1, LPTIM1_ETR,
SPI6_MOSI,
USART6_TX,
QUADSPI_BK2_IO3,
ETH_MII_TXD1/ETH_RM
II_TXD1, FMC_A25,
LCD_B0, EVENTOUT
-
-
-
-
130
D7
158 184
F7
VSS
S
-
-
-
-
-
-
E6
131
C7
159 185
E8
VDD
S
-
-
-
-
Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued)
Pin Number
Pin
name
(function
after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More