Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F746IG Fiches technique(PDF) 68 Page - STMicroelectronics

No de pièce STM32F746IG
Description  Up to 168 I/O ports with interrupt capability
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746IG Fiches technique(HTML) 68 Page - STMicroelectronics

Back Button STM32F746IG Datasheet HTML 64Page - STMicroelectronics STM32F746IG Datasheet HTML 65Page - STMicroelectronics STM32F746IG Datasheet HTML 66Page - STMicroelectronics STM32F746IG Datasheet HTML 67Page - STMicroelectronics STM32F746IG Datasheet HTML 68Page - STMicroelectronics STM32F746IG Datasheet HTML 69Page - STMicroelectronics STM32F746IG Datasheet HTML 70Page - STMicroelectronics STM32F746IG Datasheet HTML 71Page - STMicroelectronics STM32F746IG Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 227 page
background image
Pinouts and pin description
STM32F745xx STM32F746xx
68/227
DocID027590 Rev 4
81
D8
B3
114 B12 142 164 B12
PD0
I/O FT
-
CAN1_RX, FMC_D2,
EVENTOUT
-
82
E8
C4
115 C12 143 165 C12
PD1
I/O FT
-
CAN1_TX, FMC_D3,
EVENTOUT
-
83
B7
A3
116 D12 144 166 D12
PD2
I/O FT
-
TRACED2, TIM3_ETR,
UART5_RX,
SDMMC1_CMD,
DCMI_D11, EVENTOUT
-
84
C7
B4
117 D11 145 167 C11
PD3
I/O FT
-
SPI2_SCK/I2S2_CK,
USART2_CTS,
FMC_CLK, DCMI_D5,
LCD_G7, EVENTOUT
-
85
D7
B5
118 D10 146 168 D11
PD4
I/O FT
-
USART2_RTS,
FMC_NOE, EVENTOUT
-
86
B6
A4
119 C11 147 169 C10
PD5
I/O FT
-
USART2_TX, FMC_NWE,
EVENTOUT
-
-
-
-
120
D8
148 170
F8
VSS
S
-
-
-
-
-
-
C5
121
C8
149 171
E9
VDD
S
-
-
-
-
87
C6
F4
122 B11 150 172 B11
PD6
I/O FT
-
SPI3_MOSI/I2S3_SD,
SAI1_SD_A,
USART2_RX,
FMC_NWAIT, DCMI_D10,
LCD_B2, EVENTOUT
-
88
D6
A5
123 A11 151 173 A11
PD7
I/O FT
-
USART2_CK,
SPDIFRX_IN0,
FMC_NE1, EVENTOUT
-
-
-
-
-
-
-
174 B10
PJ12
I/O FT
-
LCD_B0, EVENTOUT
-
-
-
-
-
-
-
175
B9
PJ13
I/O FT
-
LCD_B1, EVENTOUT
-
-
-
-
-
-
-
176
C9
PJ14
I/O FT
-
LCD_B2, EVENTOUT
-
-
-
-
-
-
-
177 D10
PJ15
I/O FT
-
LCD_B3, EVENTOUT
-
Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued)
Pin Number
Pin
name
(function
after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More