Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F401CD Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce STM32F401CD
Description  Up to 12 communication interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401CD Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button STM32F401CD Datasheet HTML 36Page - STMicroelectronics STM32F401CD Datasheet HTML 37Page - STMicroelectronics STM32F401CD Datasheet HTML 38Page - STMicroelectronics STM32F401CD Datasheet HTML 39Page - STMicroelectronics STM32F401CD Datasheet HTML 40Page - STMicroelectronics STM32F401CD Datasheet HTML 41Page - STMicroelectronics STM32F401CD Datasheet HTML 42Page - STMicroelectronics STM32F401CD Datasheet HTML 43Page - STMicroelectronics STM32F401CD Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 135 page
background image
Pinouts and pin description
STM32F401xD STM32F401xE
40/135
DocID025644 Rev 3
13 E4 17
26
L3
PA3
I/O FT
-
USART2_RX, TIM2_CH4,
TIM5_CH4, TIM9_CH2,
EVENTOUT
ADC1_IN3
-
-
18
27
-
VSS
S
-
-
-
-
-
-
19
28
-
VDD
S
-
-
-
-
--
-
-
E3
BYPASS_
REG
IFT
-
-
-
14 G6 20
29
M3
PA4
I/O FT
-
SPI1_NSS,
SPI3_NSS/I2S3_WS,
USART2_CK, EVENTOUT
ADC1_IN4
15
F5 21
30
K4
PA5
I/O FT
-
SPI1_SCK,
TIM2_CH1/TIM2_ETR,
EVENTOUT
ADC1_IN5
16
F4 22
31
L4
PA6
I/O FT
-
SPI1_MISO, TIM1_BKIN,
TIM3_CH1, EVENTOUT
ADC1_IN6
17
F3 23
32
M4
PA7
I/O FT
-
SPI1_MOSI, TIM1_CH1N,
TIM3_CH2, EVENTOUT
ADC1_IN7
-
-
24
33
K5
PC4
I/O FT
-
EVENTOUT
ADC1_IN14
-
-
25
34
L5
PC5
I/O FT
-
EVENTOUT
ADC1_IN15
18 G5 26
35
M5
PB0
I/O FT
-
TIM1_CH2N, TIM3_CH3,
EVENTOUT
ADC1_IN8
19 G4 27
36
M6
PB1
I/O FT
-
TIM1_CH3N, TIM3_CH4,
EVENTOUT
ADC1_IN9
20 G3 28
37
L6
PB2
I/O FT
-
EVENTOUT
BOOT1
-
-
-
38
M7
PE7
I/O FT
-
TIM1_ETR, EVENTOUT
-
-
-
-
39
L7
PE8
I/O FT
-
TIM1_CH1N, EVENTOUT
-
-
-
-
40
M8
PE9
I/O FT
-
TIM1_CH1, EVENTOUT
-
-
-
-
41
L8
PE10
I/O FT
-
TIM1_CH2N, EVENTOUT
-
-
-
-
42
M9
PE11
I/O FT
-
SPI4_NSS, TIM1_CH2,
EVENTOUT
-
-
-
-
43
L9
PE12
I/O FT
-
SPI4_SCK, TIM1_CH3N,
EVENTOUT
-
-
-
-
44 M10
PE13
I/O FT
-
SPI4_MISO, TIM1_CH3,
EVENTOUT
-
Table 8. STM32F401xD/xE pin definitions (continued)
Pin Number
Pin name
(function
after reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More