Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F303VD Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce STM32F303VD
Description  Reset and supply management
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VD Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button STM32F303VD Datasheet HTML 42Page - STMicroelectronics STM32F303VD Datasheet HTML 43Page - STMicroelectronics STM32F303VD Datasheet HTML 44Page - STMicroelectronics STM32F303VD Datasheet HTML 45Page - STMicroelectronics STM32F303VD Datasheet HTML 46Page - STMicroelectronics STM32F303VD Datasheet HTML 47Page - STMicroelectronics STM32F303VD Datasheet HTML 48Page - STMicroelectronics STM32F303VD Datasheet HTML 49Page - STMicroelectronics STM32F303VD Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 184 page
background image
Pinouts and pin description
STM32F303xD STM32F303xE
46/184
DocID026415 Rev 4
-
45
M11 -
67
PE14
I/O
TTa (1)
EVENTOUT, TIM1_CH4,
SPI4_MOSI, TIM1_BKIN2,
FMC_D11
ADC4_IN1
-
46
M12 -
68
PE15
I/O
TTa (1)
EVENTOUT, TIM1_BKIN,
USART3_RX, FMC_D12
ADC4_IN2
29
47
L10
K4
69
PB10
I/O
TTa -
TIM2_CH3, TSC_SYNC,
USART3_TX, EVENTOUT
COMP5_INM,
OPAMP3_VINM,
OPAMP4_VINM
30
48
L11
K3
70
PB11
I/O
TTa -
TIM2_CH4, TSC_G6_IO1,
USART3_RX, EVENTOUT
ADC12_IN14,
COMP6_INP,
OPAMP4_VINP
31
49
F12
K1,
J1,
K2
71
VSS
S
-
-
-
-
32
50
G12 J5
72
VDD
S
-
-
-
-
33
51
L12
J4
73
PB12
I/O
TTa (4)
TSC_G6_IO2,
I2C2_SMBAL,
SPI2_NSS/I2S2_WS,
TIM1_BKIN, USART3_CK,
EVENTOUT
ADC4_IN3,
COMP3_INM,
OPAMP4_VOUT
34
52
K12 J3
74
PB13
I/O
TTa -
TSC_G6_IO3,
SPI2_SCK/I2S2_CK,
TIM1_CH1N,
USART3_CTS,
EVENTOUT
ADC3_IN5,
COMP5_INP,
OPAMP3_VINP,
OPAMP4_VINP
35
53
K11
J2
75
PB14
I/O
TTa -
TIM15_CH1,
TSC_G6_IO4,
SPI2_MISO/I2S2ext_SD,
TIM1_CH2N,
USART3_RTS,
EVENTOUT
ADC4_IN4,
COMP3_INP,
OPAMP2_VINP
36
54
K10 H4
76
PB15
I/O
TTa -
RTC_REFIN, TIM15_CH2,
TIM15_CH1N,
TIM1_CH3N,
SPI2_MOSI/I2S2_SD,
EVENTOUT
ADC4_IN5,
COMP6_INM
-
55
K9
-
77
PD8
I/O
TTa (1)
EVENTOUT,
USART3_TX, FMC_D13
ADC4_IN12,
OPAMP4_VINM
Table 13. STM32F303xD/E pin definitions (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More