| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F303VD Fiches technique(PDF) 102 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VD Fiches technique(HTML) 102 Page - STMicroelectronics |
|
102 / 184 page ![]() Electrical characteristics STM32F303xD STM32F303xE 102/184 DocID026415 Rev 4 Table 47. Asynchronous non-multiplexed SRAM/PSRAM/NOR write-NWAIT timings(1) 1. Based on characterization, not tested in production. Symbol Parameter Min Max Unit tw(NE) FMC_NE low time 8THCLK+1 8THCLK+2 ns tw(NWE) FMC_NWE low time 6THCLK-1 6THCLK+2 tsu(NWAIT_NE) FMC_NWAIT valid before FMC_NEx high 5THCLK-0.5 - th(NE_NWAIT) FMC_NEx hold time after FMC_NWAIT invalid 4THCLK+2 - Table 48. Asynchronous multiplexed PSRAM/NOR read-NWAIT timings(1) 1. Based on characterization, not tested in production. Symbol Parameter Min Max Unit tw(NE) FMC_NE low time 8THCLK+2 8THCLK+2 ns tw(NOE) FMC_NWE low time 6THCLK-1 6THCLK+1.5 tsu(NWAIT_NE) FMC_NWAIT valid before FMC_NEx high 4THCLK+6 - th(NE_NWAIT) FMC_NEx hold time after FMC_NWAIT invalid 4THCLK-4 - |