Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STBP112-DVDJ6F Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STBP112-DVDJ6F
Description  Overvoltage protection device
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP112-DVDJ6F Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STBP112-DVDJ6F Datasheet HTML 7Page - STMicroelectronics STBP112-DVDJ6F Datasheet HTML 8Page - STMicroelectronics STBP112-DVDJ6F Datasheet HTML 9Page - STMicroelectronics STBP112-DVDJ6F Datasheet HTML 10Page - STMicroelectronics STBP112-DVDJ6F Datasheet HTML 11Page - STMicroelectronics STBP112-DVDJ6F Datasheet HTML 12Page - STMicroelectronics STBP112-DVDJ6F Datasheet HTML 13Page - STMicroelectronics STBP112-DVDJ6F Datasheet HTML 14Page - STMicroelectronics STBP112-DVDJ6F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
STBP112
Operation
Doc ID 023357 Rev 3
11/38
3.5
Thermal shutdown
If the STBP112 internal junction temperature exceeds the Toff threshold, the internal
MOSFET switch is turned off and the fault indication output FLT is driven low.
To improve thermal robustness, this circuit has a 20 °C hysteresis, THYS(off).
Due to the internal reverse diode, the thermal shutdown is not functional for the reverse
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38