Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C164CI Fiches technique(PDF) 21 Page - Infineon Technologies AG

No de pièce C164CI
Description  16-bit CMOS Single-Chip Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Fiches technique(HTML) 21 Page - Infineon Technologies AG

Back Button C164CI Datasheet HTML 17Page - Infineon Technologies AG C164CI Datasheet HTML 18Page - Infineon Technologies AG C164CI Datasheet HTML 19Page - Infineon Technologies AG C164CI Datasheet HTML 20Page - Infineon Technologies AG C164CI Datasheet HTML 21Page - Infineon Technologies AG C164CI Datasheet HTML 22Page - Infineon Technologies AG C164CI Datasheet HTML 23Page - Infineon Technologies AG C164CI Datasheet HTML 24Page - Infineon Technologies AG C164CI Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
Semiconductor Group
21
1998-02
C164CI
Real Time Clock
The Real Time Clock (RTC) module of the C164CI consists of a chain of 3 divider blocks, a fixed 8-
bit divider, the reloadable 16-bit timer T14 and the 32-bit RTC timer (accessible via registers RTCH
and RTCL). The RTC module is directly clocked with the on-chip oscillator frequency divided by 32
via a separate clock driver and is therefore independent from the selected clock generation mode
of the C164CI. All timers count up.
The RTC module can be used for different purposes:
q
System clock to determine the current time and date
q
Cyclic time based interrupt
q
48-bit timer for long term measurements
Figure 6-1
RTC Block Diagram
Note: The register associated with the RTC are not effected by a reset in order to maintain the
correct system time even when intermediate resets are executed.
RTCL
RTCL
T14
T14REL
8:1
fRTC
Reload
Interrupt
Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53