Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAP16DPPS05 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STAP16DPPS05
Description  Low voltage 16-bit constant current LED sink driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP16DPPS05 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STAP16DPPS05 Datasheet HTML 20Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 21Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 22Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 23Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 24Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 25Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 26Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 27Page - STMicroelectronics STAP16DPPS05 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Error detection mode functionality
STAP16DPPS05
24/33
DocID024306 Rev 6
Figure 22. Error detection sequence
AM13670v1
Ignore
On the rising edge of f irst CLK pulse af ter the detection, the SDO
provides the Output status f eedback with the sequence Out 15;
Out 14…Out 0.
In this case all the outputs are in f ault condition (Open or Short)
This OE/DM2 pulse put the
device in Normal Mode
Condition af ter EDM test
Turn ON the output with the OE/DM2 pin and wait 1 µs to
have the correct output status acquisition. During this time
a minimum of three CLK pulses are required (2 at the
beginning and 1 at the end) to rewrite the shif t register.
OE/DM2 and LE/DM1
sequence signals to
start the error
detection sequence
Feeding 16 bit of CLK signal af ter
entering the EDM, the SDI signal, set to
1, is loaded in the shif t register
This LE/DM1 pulse latch
the data to the outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33