Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25TA64K Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce ST25TA64K
Description  NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA64K Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button ST25TA64K Datasheet HTML 36Page - STMicroelectronics ST25TA64K Datasheet HTML 37Page - STMicroelectronics ST25TA64K Datasheet HTML 38Page - STMicroelectronics ST25TA64K Datasheet HTML 39Page - STMicroelectronics ST25TA64K Datasheet HTML 40Page - STMicroelectronics ST25TA64K Datasheet HTML 41Page - STMicroelectronics ST25TA64K Datasheet HTML 42Page - STMicroelectronics ST25TA64K Datasheet HTML 43Page - STMicroelectronics ST25TA64K Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
UID: Unique identifier
ST25TA64K
40/45
DocID027764 Rev 1
8
UID: Unique identifier
The ST25TA64K is uniquely identified by a 7 bytes unique identifier (UID). The UID is a
read-only code and comprises:
•
The IC manufacturer code on 1 byte (0x02 for STMicroelectronics).
•
The Product code on 1 byte.
•
A device number on 5 bytes.
Table 51 describes the UID format.
Table 51. UID format
0x02
0xC4
5 bytes
IC manufacturer code
ST25TA64K product code
Device number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45