Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C161S Fiches technique(PDF) 21 Page - Infineon Technologies AG

No de pièce C161S
Description  16-Bit Single-Chip Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161S Fiches technique(HTML) 21 Page - Infineon Technologies AG

Back Button C161S Datasheet HTML 17Page - Infineon Technologies AG C161S Datasheet HTML 18Page - Infineon Technologies AG C161S Datasheet HTML 19Page - Infineon Technologies AG C161S Datasheet HTML 20Page - Infineon Technologies AG C161S Datasheet HTML 21Page - Infineon Technologies AG C161S Datasheet HTML 22Page - Infineon Technologies AG C161S Datasheet HTML 23Page - Infineon Technologies AG C161S Datasheet HTML 24Page - Infineon Technologies AG C161S Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
C161S
Functional Description
Data Sheet
17
V1.0, 2003-11
The C161S also provides an excellent mechanism to identify and to process exceptions
or error conditions that arise during run-time, so-called ‘Hardware Traps’. Hardware
traps cause immediate non-maskable system reaction which is similar to a standard
interrupt service (branching to a dedicated vector table location). The occurrence of a
hardware trap is additionally signified by an individual bit in the trap flag register (TFR).
Except when another higher prioritized trap service is in progress, a hardware trap will
interrupt any actual program execution. In turn, hardware trap services can normally not
be interrupted by standard or PEC interrupts.
Table 4 shows all of the possible exceptions or error conditions that can arise during run-
time:
Table 4
Hardware Trap Summary
Exception Condition
Trap
Flag
Trap
Vector
Vector
Location
Trap
Number
Trap
Priority
Reset Functions:
•
Hardware Reset
•
Software Reset
•
W-dog Timer Overflow
–
RESET
RESET
RESET
00’0000
H
00’0000
H
00’0000
H
00
H
00
H
00
H
III
III
III
Class A Hardware Traps:
•
Non-Maskable
Interrupt
•
Stack Overflow
•
Stack Underflow
NMI
STKOF
STKUF
NMITRAP
STOTRAP
STUTRAP
00’0008
H
00’0010
H
00’0018
H
02
H
04
H
06
H
II
II
II
Class B Hardware Traps:
•
Undefined Opcode
•
Protected Instruction
Fault
•
Illegal Word Operand
Access
•
Illegal Instruction
Access
•
Illegal External Bus
Access
UNDOPC
PRTFLT
ILLOPA
ILLINA
ILLBUS
BTRAP
BTRAP
BTRAP
BTRAP
BTRAP
00’0028
H
00’0028
H
00’0028
H
00’0028
H
00’0028
H
0A
H
0A
H
0A
H
0A
H
0A
H
I
I
I
I
I
Reserved
–
–
[2C
H –
3C
H]
[0B
H –
0F
H]
–
Software Traps
•
TRAP Instruction
––
Any
[00’0000
H –
00’01FC
H]
in steps of
4
H
Any
[00
H –
7F
H]
Current
CPU
Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com