Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SR1-LABU Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce SR1-LABU
Description  Integrated test mode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR1-LABU Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button SR1-LABU Datasheet HTML 5Page - STMicroelectronics SR1-LABU Datasheet HTML 6Page - STMicroelectronics SR1-LABU Datasheet HTML 7Page - STMicroelectronics SR1-LABU Datasheet HTML 8Page - STMicroelectronics SR1-LABU Datasheet HTML 9Page - STMicroelectronics SR1-LABU Datasheet HTML 10Page - STMicroelectronics SR1-LABU Datasheet HTML 11Page - STMicroelectronics SR1-LABU Datasheet HTML 12Page - STMicroelectronics SR1-LABU Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DocID026048 Rev 2
9/21
SR1
Timing diagrams
21
5
Timing diagrams
Figure 7. RST output without tREC option
1.
VCC should be powered up before or together with voltage on the SR input to prevent entering test mode
by creating
a condition V(SR) > VCC +1.1 V typ.
Figure 8. RST output with tREC option
1.
VCC should be powered up before or together with voltage on the SR input to prevent entering test mode
by creating
a condition V(SR) > VCC +1.1 V typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21