Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1L08PUR Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce ST1L08PUR
Description  800 mA ultra low drop, high PSRR voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L08PUR Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button ST1L08PUR Datasheet HTML 13Page - STMicroelectronics ST1L08PUR Datasheet HTML 14Page - STMicroelectronics ST1L08PUR Datasheet HTML 15Page - STMicroelectronics ST1L08PUR Datasheet HTML 16Page - STMicroelectronics ST1L08PUR Datasheet HTML 17Page - STMicroelectronics ST1L08PUR Datasheet HTML 18Page - STMicroelectronics ST1L08PUR Datasheet HTML 19Page - STMicroelectronics ST1L08PUR Datasheet HTML 20Page - STMicroelectronics ST1L08PUR Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
ST1L08
Package information
DocID026624 Rev 2
17/21
Table 6: DFN8 (2x3 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
b
0.18
0.25
0.30
c
0.10
D
2.00
E
3.00
D2
1.50
1.65
1.75
E2
1.65
1.80
1.90
e
0.50
L
0.30
0.40
0.50
K
0.20
Figure 29: DFN8 (2x3 mm) recommended footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21