| Moteur de recherche de fiches techniques de composants électroniques |
|
SRTAG2KL Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SRTAG2KL Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 51 page ![]() DocID026583 Rev 2 39/51 SRTAG2KL RF command sets 5.9.2 RATS command and ATS response RATS command and ATS response are used for NFC Forum Type 4A Tag Platform Device Activation (as defined in NFC Forum Digital Protocol specification). Table 48 details the RATS command. This command shall be sent after the anticollision process. SEL_REQ 1 93 70 CT uid1 uid2 uid3 BBC NVB 70 (cmd NVB Uid lower bytes) CT Cascade Tag “0x88” SAK & CRC 04 DAD7 UID Not complete SDD_REQ 2 95 20 NVB 20 Number Valid bit (2 bytes Code & NVB) - uid4 uid5 uid6 uid7 BCC (UID 7bytes) BCC Block Check Character (XOR previous Bytes) SEL_REQ 1 95 70 uid4 uid5 uid6 uid7 BBC NVB 70 (cmd NVB Uid Upper bytes) SAK & CRC 20 FC70 UID complete Table 47. Example of anticollision sequence (continued) Command Code Comment Response Code Comment |