Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPAC265-8W Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce SPAC265-8W
Description  AC-DC power supply module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPAC265-8W Fiches technique(HTML) 4 Page - STMicroelectronics

  SPAC265-8W Datasheet HTML 1Page - STMicroelectronics SPAC265-8W Datasheet HTML 2Page - STMicroelectronics SPAC265-8W Datasheet HTML 3Page - STMicroelectronics SPAC265-8W Datasheet HTML 4Page - STMicroelectronics SPAC265-8W Datasheet HTML 5Page - STMicroelectronics SPAC265-8W Datasheet HTML 6Page - STMicroelectronics SPAC265-8W Datasheet HTML 7Page - STMicroelectronics SPAC265-8W Datasheet HTML 8Page - STMicroelectronics SPAC265-8W Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Label description and safety requirements
SPAC265-8W
4/9
Doc ID 023255 Rev 1
3
Label description and safety requirements
●
Double insulation primary to secondary side.
●
Attention: Read carefully the datasheet safety note.
3.1
Safety note:
The SPAC265-8W is not provided with the disconnection tools from the main. The final
application must include this item having the following characteristics:
1.
On equipment suitable for application to overvoltage category 2 the minimum distance
between the electrical contacts must be 3 mm.
2.
The equipment suitable for application to overvoltage category 4 must comply with the
IEC60947-1 norm.



Html Pages

1 2 3 4 5 6 7 8 9