Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD4933MR Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce SD4933MR
Description  50 V moisture resistant DMOS transistor for ISM applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4933MR Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button SD4933MR Datasheet HTML 9Page - STMicroelectronics SD4933MR Datasheet HTML 10Page - STMicroelectronics SD4933MR Datasheet HTML 11Page - STMicroelectronics SD4933MR Datasheet HTML 12Page - STMicroelectronics SD4933MR Datasheet HTML 13Page - STMicroelectronics SD4933MR Datasheet HTML 14Page - STMicroelectronics SD4933MR Datasheet HTML 15Page - STMicroelectronics SD4933MR Datasheet HTML 16Page - STMicroelectronics SD4933MR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DocID023664 Rev 2
13/20
SD4933MR
VGS/GFS sorts
20
7
VGS/GFS sorts
Table 9. VGS/GFS sorts
Marking
VGS(min)
VGS(max)
GFS(min)
GFS(max)
A1
1.50
1.75
5
6
A2
1.50
1.75
6
7
A3
1.50
1.75
7
8
A4
1.50
1.75
8
9
A5
1.50
1.75
9
10
A6
1.50
1.75
10
11
A7
1.50
1.75
11
12
A8
1.50
1.75
12
13
A9
1.50
1.75
13
14
B1
1.75
2.00
5
6
B2
1.75
2.00
6
7
B3
1.75
2.00
7
8
B4
1.75
2.00
8
9
B5
1.75
2.00
9
10
B6
1.75
2.00
10
11
B7
1.75
2.00
11
12
B8
1.75
2.00
12
13
B9
1.75
2.00
13
14
C1
2.00
2.25
5
6
C2
2.00
2.25
6
7
C3
2.00
2.25
7
8
C4
2.00
2.25
8
9
C5
2.00
2.25
9
10
C6
2.00
2.25
10
11
C7
2.00
2.25
11
12
C8
2.00
2.25
12
13
C9
2.00
2.25
13
14
D1
2.25
2.50
5
6
D2
2.25
2.50
6
7
D3
2.25
2.50
7
8
D4
2.25
2.50
8
9
D5
2.25
2.50
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20