Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

POWERSTEP01TR Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 22Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 23Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 24Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 25Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 26Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 27Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 28Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 29Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
Functional description
powerSTEP01
26/92
DocID025022 Rev 5
7.7
Motor control commands
The powerSTEP01 can accept different types of commands:
constant speed commands (Run, GoUntil, ReleaseSW)
absolute positioning commands (GoTo, GoTo_DIR, GoHome, GoMark)
motion commands (Move)
stop commands (SoftStop, HardStop, SoftHiz, HardHiz).
For detailed command descriptions refer to Section 11.2 on page 73.
7.7.1
Constant speed commands
A constant speed command produces a motion in order to reach and maintain a user-
defined target speed starting from the programmed minimum speed (set in the MIN_SPEED
register) and with the programmed acceleration/deceleration value (set in the ACC and DEC
registers). A new constant speed command can be requested anytime.
Figure 9. Constant speed command examples
7.7.2
Positioning commands
An absolute positioning command produces a motion in order to reach a user-defined
position that is sent to the device together with the command. The position can be reached
performing the minimum path (minimum physical distance) or forcing a direction (see
Figure 10).
Performed motor motion is compliant to programmed speed profile boundaries
(acceleration, deceleration, minimum and maximum speed).
Note that with some speed profiles or positioning commands, the deceleration phase can
start before the maximum speed is reached.
AM12856v1
SPD1
SPD2
SPD3
SPD4
Run(SPD2,FW)
time
Speed
(step frequency)
Run(SPD3,FW)
Run(SPD1,FW)
Run(SPD4,BW)
Minimum
speed
Minimum
speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92