Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

POWERSTEP01 Fiches technique(PDF) 83 Page - STMicroelectronics

No de pièce POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Fiches technique(HTML) 83 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 79Page - STMicroelectronics POWERSTEP01 Datasheet HTML 80Page - STMicroelectronics POWERSTEP01 Datasheet HTML 81Page - STMicroelectronics POWERSTEP01 Datasheet HTML 82Page - STMicroelectronics POWERSTEP01 Datasheet HTML 83Page - STMicroelectronics POWERSTEP01 Datasheet HTML 84Page - STMicroelectronics POWERSTEP01 Datasheet HTML 85Page - STMicroelectronics POWERSTEP01 Datasheet HTML 86Page - STMicroelectronics POWERSTEP01 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
DocID025022 Rev 5
83/92
powerSTEP01
Package information
92
12
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
VFQFPN package information
Figure 30. VFQFPN 11 x 14 x 1.0 - 9 die pads drawing - side view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92