Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM8908TR Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce PM8908TR
Description  Monolithic buck converter for DDR memory termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8908TR Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button PM8908TR Datasheet HTML 20Page - STMicroelectronics PM8908TR Datasheet HTML 21Page - STMicroelectronics PM8908TR Datasheet HTML 22Page - STMicroelectronics PM8908TR Datasheet HTML 23Page - STMicroelectronics PM8908TR Datasheet HTML 24Page - STMicroelectronics PM8908TR Datasheet HTML 25Page - STMicroelectronics PM8908TR Datasheet HTML 26Page - STMicroelectronics PM8908TR Datasheet HTML 27Page - STMicroelectronics PM8908TR Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Package information
PM8908
26/28
DocID027688 Rev 3
Figure 13. QFN20 3.5 x 4 x 1.0 mm tape and reel
Figure 14. QFN20 3.5 x 4 x 1.0 mm winding direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28