Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95040-DWMF4TG Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce M95040-DWMF4TG
Description  Automotive 4-Kbit serial SPI bus EEPROMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-DWMF4TG Fiches technique(HTML) 1 Page - STMicroelectronics

  M95040-DWMF4TG Datasheet HTML 1Page - STMicroelectronics M95040-DWMF4TG Datasheet HTML 2Page - STMicroelectronics M95040-DWMF4TG Datasheet HTML 3Page - STMicroelectronics M95040-DWMF4TG Datasheet HTML 4Page - STMicroelectronics M95040-DWMF4TG Datasheet HTML 5Page - STMicroelectronics M95040-DWMF4TG Datasheet HTML 6Page - STMicroelectronics M95040-DWMF4TG Datasheet HTML 7Page - STMicroelectronics M95040-DWMF4TG Datasheet HTML 8Page - STMicroelectronics M95040-DWMF4TG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
This is information on a product in full production.
February 2016
DocID024225 Rev 6
1/41
M95040-A125
M95040-A145
Automotive 4-Kbit serial SPI bus EEPROMs
with high-speed clock
Datasheet
- production data
Features
• Compatible with the Serial Peripheral Interface
(SPI) bus
• Memory array
– 4 Kbit (512 byte) of EEPROM
– Page size: 16 byte
– Write protection by block: 1/4, 1/2 or whole
memory
– Additional Write lockable Page
(Identification page)
• Extended temperature and voltage ranges
– Up to 125 °C (VCC from 1.7 V to 5.5 V)
– Up to 145 °C (VCC from 2.5 V to 5.5 V)
• High speed clock frequency
– 20 MHz for VCC ≥ 4.5 V
– 10 MHz for VCC ≥ 2.5 V
– 5 MHz for VCC ≥ 1.7 V
• Schmitt trigger inputs for noise filtering
• Short Write cycle time
– Byte Write within 4 ms
– Page Write within 4 ms
• Write cycle endurance
– 4 million Write cycles at 25 °C
– 1.2 million Write cycles at 85 °C
– 600 k Write cycles at 125 °C
– 400 k Write cycles at 145 °C
• Data retention
– 50 years at 125 °C
– 100 years at 25 °C
• ESD Protection (Human Body Model)
– 4000 V
• Packages
– RoHS-compliant and halogen-free
(ECOPACK2®)
TSSOP8 (DW)
169 mil width
SO8 (MN)
150 mil width
WFDFPN8 (MF)
2 x 3 mm
www.st.com


Numéro de pièce similaire - M95040-DWMF4TG

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M95040-DW3 STMICROELECTRONICS-M95040-DW3 Datasheet
586Kb / 37P
4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
05-Oct-2004
M95040-DW3/G STMICROELECTRONICS-M95040-DW3/G Datasheet
335Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
06-Nov-2006
M95040-DW3/S STMICROELECTRONICS-M95040-DW3/S Datasheet
335Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
06-Nov-2006
M95040-DW3/W STMICROELECTRONICS-M95040-DW3/W Datasheet
586Kb / 37P
4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
05-Oct-2004
M95040-DW3/W STMICROELECTRONICS-M95040-DW3/W Datasheet
335Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
06-Nov-2006
More results

Description similaire - M95040-DWMF4TG

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
SPI BUS Serial EEPROMs
logo
STMicroelectronics
M95020-A125 STMICROELECTRONICS-M95020-A125 Datasheet
761Kb / 41P
Automotive 2-Kbit serial SPI bus EEPROMs
18-Feb-2016
M95080-A125 STMICROELECTRONICS-M95080-A125 Datasheet
777Kb / 42P
Automotive 8-Kbit serial SPI bus EEPROMs
12-Feb-2016
M95160-A125 STMICROELECTRONICS-M95160-A125 Datasheet
776Kb / 42P
Automotive 16-Kbit serial SPI bus EEPROMs
08-Feb-2016
M95256-A125 STMICROELECTRONICS-M95256-A125 Datasheet
798Kb / 44P
Automotive 256-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 8
M95320-A125 STMICROELECTRONICS-M95320-A125 Datasheet
792Kb / 43P
Automotive 32-Kbit serial SPI bus EEPROMs with high-speed clock
February 2016 Rev 8
M95512-A125 STMICROELECTRONICS-M95512-A125 Datasheet
799Kb / 44P
Automotive 512-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 8
M95640-A125 STMICROELECTRONICS-M95640-A125 Datasheet
802Kb / 44P
Automotive 64-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com