| Moteur de recherche de fiches techniques de composants électroniques |
|
M95320-DRMN8TP Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95320-DRMN8TP Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 41 page ![]() DC and AC parameters M95320-DRE 32/41 DocID027471 Rev 1 Table 13. AC characteristics Symbol Alt. Parameter Min. Max. Min. Max. Min. Max. Unit Test conditions specified in Table 10 Test conditions specified in Table 10 Test conditions specified in Table 11 fC fSCK Clock frequency - 5 - 10 - 20 MHz tSLCH tCSS1 S active setup time 60 - 30 - 15 - ns tSHCH tCSS2 S not active setup time 60 - 30 - 15 - tSHSL tCS S deselect time 90 - 40 - 20 - tCHSH tCSH S active hold time 60 - 30 - 15 - tCHSL S not active hold time 60 - 30 - 15 - tCH(1) tCLH Clock high time 80 - 40 - 20 - tCL(1) tCLL Clock low time 80 - 40 - 20 - tCLCH(2) tRC Clock rise time -2-2-2 µs tCHCL(2) tFC Clock fall time - 2 - 2 - 2 tDVCH tDSU Data in setup time 20 - 10 - 5 - ns tCHDX tDH Data in hold time 20 - 10 - 10 - tHHCH Clock low hold time after HOLD not active 60 - 30 - 15 - tHLCH Clock low hold time after HOLD active 60 - 30 - 15 - tCLHL Clock low set-up time before HOLD active 0-0-0 - tCLHH Clock low set-up time before HOLD not active 0-0-0 - tSHQZ(2) tDIS Output disable time - 80 - 40 - 20 tCLQV(3) tV Clock low to output valid - 80 - 40 - 20 tCLQX tHO Output hold time 0 - 0 - 0 - tQLQH(2) tRO Output rise time - 20 - 20 - 20 tQHQL(2) tFO Output fall time - 20 - 20 - 20 tHHQV tLZ HOLD high to output valid - 80 - 40 - 20 tHLQZ(2) tHZ HOLD low to output high-Z - 80 - 40 - 20 tW tWC Write time -4-4-4 ms 1. tCH + tCL must never be lower than the shortest possible clock period, 1/fC(max). 2. Value guaranteed by characterization, not 100% tested in production. 3. tCLQV must be compatible with tCL (clock low time): if tSU is the Read setup time of the SPI bus master, tCL must be equal to (or greater than) tCLQV+tSU. |