Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95040-DRDW4TP Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce M95040-DRDW4TP
Description  Automotive 4-Kbit serial SPI bus EEPROMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-DRDW4TP Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button M95040-DRDW4TP Datasheet HTML 31Page - STMicroelectronics M95040-DRDW4TP Datasheet HTML 32Page - STMicroelectronics M95040-DRDW4TP Datasheet HTML 33Page - STMicroelectronics M95040-DRDW4TP Datasheet HTML 34Page - STMicroelectronics M95040-DRDW4TP Datasheet HTML 35Page - STMicroelectronics M95040-DRDW4TP Datasheet HTML 36Page - STMicroelectronics M95040-DRDW4TP Datasheet HTML 37Page - STMicroelectronics M95040-DRDW4TP Datasheet HTML 38Page - STMicroelectronics M95040-DRDW4TP Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
DocID024225 Rev 6
35/41
M95040-A125 M95040-A145
Package mechanical data
40
Figure 22. SO8N – 8-lead plastic small outline, 150 mils body width,
package recommended footprint
1. Dimensions are expressed in millimeters.
L1
-
1.040
-
-
0.0409
-
ccc
-
-
0.100
-
-
0.0039
1. Values in inches are converted from mm and rounded to four decimal digits.
Table 15. SO8N – 8-lead plastic small outline, 150 mils body width,
package mechanical data (continued)
Symbol
millimeters
inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41