Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95040-DRDW8TP Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce M95040-DRDW8TP
Description  4-Kbit serial SPI bus EEPROM - 105 C Operation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-DRDW8TP Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button M95040-DRDW8TP Datasheet HTML 5Page - STMicroelectronics M95040-DRDW8TP Datasheet HTML 6Page - STMicroelectronics M95040-DRDW8TP Datasheet HTML 7Page - STMicroelectronics M95040-DRDW8TP Datasheet HTML 8Page - STMicroelectronics M95040-DRDW8TP Datasheet HTML 9Page - STMicroelectronics M95040-DRDW8TP Datasheet HTML 10Page - STMicroelectronics M95040-DRDW8TP Datasheet HTML 11Page - STMicroelectronics M95040-DRDW8TP Datasheet HTML 12Page - STMicroelectronics M95040-DRDW8TP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
DocID027516 Rev 1
9/39
M95040-DRE
Signal description
38
2.8
VCC supply voltage
VCC is the supply voltage pin. Refer to Section 3.1: Active power and Standby power modes
and to Section 5.1: Supply voltage (VCC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39