Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95020-DRMN3TP Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce M95020-DRMN3TP
Description  Automotive 2-Kbit serial SPI bus EEPROMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-DRMN3TP Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button M95020-DRMN3TP Datasheet HTML 20Page - STMicroelectronics M95020-DRMN3TP Datasheet HTML 21Page - STMicroelectronics M95020-DRMN3TP Datasheet HTML 22Page - STMicroelectronics M95020-DRMN3TP Datasheet HTML 23Page - STMicroelectronics M95020-DRMN3TP Datasheet HTML 24Page - STMicroelectronics M95020-DRMN3TP Datasheet HTML 25Page - STMicroelectronics M95020-DRMN3TP Datasheet HTML 26Page - STMicroelectronics M95020-DRMN3TP Datasheet HTML 27Page - STMicroelectronics M95020-DRMN3TP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
Instructions
M95020-A125 M95020-A145
24/41
DocID025284 Rev 5
The instruction is discarded, and is not executed, under the following conditions:
•
If a Write cycle is already in progress
•
If the Block Protect bits (BP1,BP0) = (1,1)
•
If one of the conditions defined in Section 3.4.1: Protocol control is not satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41