| Moteur de recherche de fiches techniques de composants électroniques |
|
M24512-DRMF8TP Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24512-DRMF8TP Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 41 page ![]() DocID027240 Rev 1 13/41 M24512-DRE Device operation Note: A: significant address bit. X: bit is Don’t Care. Table 3. Significant address bits Memory (Device type identifier = 1010b) Identification page (Device type identifier = 1011b) Random Address Read Write Read Identification page Write Identification page Lock Identification page Read lock status b15 A15 A15 XXX X b14 A14 A14 XXX X b13 A13 A13 XXX X b12 A12 A12 XXX X b11 A11 A11 XXX X b10 A10 A10 X 0 1 0 b9 A9 A9 X X X X b8 A8 A8 X X X X b7 A7 A7 X X X X b6 A6 A6 A6 A6 X X b5 A5 A5 A5 A5 X X b4 A4 A4 A4 A4 X X b3 A3 A3 A3 A3 X X b2 A2 A2 A2 A2 X X b1 A1 A1 A1 A1 X X b0 A0 A0 A0 A0 X X |