Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24512-DRMN3TP Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce M24512-DRMN3TP
Description  Automotive 512-Kbit serial I²C bus EEPROM with 1 MHz clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-DRMN3TP Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button M24512-DRMN3TP Datasheet HTML 31Page - STMicroelectronics M24512-DRMN3TP Datasheet HTML 32Page - STMicroelectronics M24512-DRMN3TP Datasheet HTML 33Page - STMicroelectronics M24512-DRMN3TP Datasheet HTML 34Page - STMicroelectronics M24512-DRMN3TP Datasheet HTML 35Page - STMicroelectronics M24512-DRMN3TP Datasheet HTML 36Page - STMicroelectronics M24512-DRMN3TP Datasheet HTML 37Page - STMicroelectronics M24512-DRMN3TP Datasheet HTML 38Page - STMicroelectronics M24512-DRMN3TP Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
DocID023507 Rev 5
35/40
M24512-A125
Package mechanical data
39
Figure 15. WFDFPN8 (MLP8) - 8-lead ultra thin fine pitch dual flat no lead,
package outline
1. Drawing is not to scale.
2. The central pad (the area E2 by D2 in the above illustration) must be either connected to Vss or left floating
(not connected) in the end application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40