Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24128T-FCU Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce M24128T-FCU
Description  128-Kbit serial I²C bus EEPROM 4 balls CSP
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128T-FCU Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button M24128T-FCU Datasheet HTML 17Page - STMicroelectronics M24128T-FCU Datasheet HTML 18Page - STMicroelectronics M24128T-FCU Datasheet HTML 19Page - STMicroelectronics M24128T-FCU Datasheet HTML 20Page - STMicroelectronics M24128T-FCU Datasheet HTML 21Page - STMicroelectronics M24128T-FCU Datasheet HTML 22Page - STMicroelectronics M24128T-FCU Datasheet HTML 23Page - STMicroelectronics M24128T-FCU Datasheet HTML 24Page - STMicroelectronics M24128T-FCU Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
DocID028396 Rev 1
21/36
M24128T-FCU
Initial delivery state
35
6
Initial delivery state
The device is delivered with all the memory array bits set to 1 (each byte contains FFh) and
the Write Protect register set to 0 (00h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36