| Moteur de recherche de fiches techniques de composants électroniques |
|
M34E04B Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M34E04B Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 35 page ![]() DocID028428 Rev 1 21/35 M34E04B Use within a DDR4 DRAM module 34 Table 4. Acknowledge when writing data or defining the write-protection status (instructions with R/W bit = 0) Status Instruction Ack Address Ack Data byte Ack Write cycle (tW) Protected SWPn NoAck Not significant NoAck Not significant NoAck No CWP Ack Not significant Ack Not significant Ack Yes Page or byte write in protected block Ack Address Ack Data NoAck No Not Protected SWPn or CWP Ack Not significant Ack Not significant Ack Yes Page or byte write Ack Address Ack Data Ack Yes Table 5. Acknowledge when reading the protection status (instructions with R/W bit = 1) SWPn Status Instruction Ack Address Ack Data byte Ack Set RPSn NoAck Not significant NoAck Not significant NoAck Not set RPSn Ack Not significant NoAck Not significant NoAck |