Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24M02-DWMN3TP Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce M24M02-DWMN3TP
Description  Automotive 2-Mbit serial IC bus EEPROM with 1 MHz clock
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02-DWMN3TP Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button M24M02-DWMN3TP Datasheet HTML 3Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 4Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 5Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 6Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 7Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 8Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 9Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 10Page - STMicroelectronics M24M02-DWMN3TP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
DocID027947 Rev 2
7/38
M24M02-A125
Description
37
Figure 2. 8-pin package connections
1. DU: Don't Use (if connected, must be connected to VSS)
2. See Section 9: Package mechanical data for package dimensions, and how to identify pin 1.
Table 1. Signal names
Signal name
Function
Direction
E2
Chip Enable
Input
SDA
Serial Data
I/O
SCL
Serial Clock
Input
WC
Write Control
Input
VCC
Supply voltage
-
VSS
Ground
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38