Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24C64-DRDW3TP Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce M24C64-DRDW3TP
Description  Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DRDW3TP Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button M24C64-DRDW3TP Datasheet HTML 5Page - STMicroelectronics M24C64-DRDW3TP Datasheet HTML 6Page - STMicroelectronics M24C64-DRDW3TP Datasheet HTML 7Page - STMicroelectronics M24C64-DRDW3TP Datasheet HTML 8Page - STMicroelectronics M24C64-DRDW3TP Datasheet HTML 9Page - STMicroelectronics M24C64-DRDW3TP Datasheet HTML 10Page - STMicroelectronics M24C64-DRDW3TP Datasheet HTML 11Page - STMicroelectronics M24C64-DRDW3TP Datasheet HTML 12Page - STMicroelectronics M24C64-DRDW3TP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
DocID023023 Rev 8
9/40
M24C64-A125
Signal description
39
2.5
VSS (ground)
VSS is the reference for the VCC supply voltage.
2.6
Supply voltage (VCC)
VCC is the supply voltage pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40