Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24C02-DRMN3TP Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce M24C02-DRMN3TP
Description  Automotive 2-Kbit serial I²C bus EEPROM with 1 MHz clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-DRMN3TP Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button M24C02-DRMN3TP Datasheet HTML 9Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 10Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 11Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 12Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 13Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 14Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 15Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 16Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
DocID025755 Rev 4
13/39
M24C02-A125
Device operation
38
Note:
A: significant address bit.
X: bit is Don’t Care.
Table 3. Significant address bits
Memory
(Device type identifier = 1010b)
Identification page
(Device type identifier = 1011b)
Random
Address Read
Write
Read
Identification
page
Write
Identification
page
Lock
Identification
page
Read lock status
b7
A7
A7
0
0
1
see Section 4.2.5
b6
A6
A6
X
X
X
b5
A5
A5
X
X
X
b4
A4
A4
X
X
X
b3
A3
A3
A3
A3
X
b2
A2
A2
A2
A2
X
b1
A1
A1
A1
A1
X
b0
A0
A0
A0
A0
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39