Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LED2472GQTR Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce LED2472GQTR
Description  24-channels LED driver with error detection and gain control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2472GQTR Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button LED2472GQTR Datasheet HTML 31Page - STMicroelectronics LED2472GQTR Datasheet HTML 32Page - STMicroelectronics LED2472GQTR Datasheet HTML 33Page - STMicroelectronics LED2472GQTR Datasheet HTML 34Page - STMicroelectronics LED2472GQTR Datasheet HTML 35Page - STMicroelectronics LED2472GQTR Datasheet HTML 36Page - STMicroelectronics LED2472GQTR Datasheet HTML 37Page - STMicroelectronics LED2472GQTR Datasheet HTML 38Page - STMicroelectronics LED2472GQTR Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Package mechanical data
LED2472G
36/39
DocID024620 Rev 3
Table 16. MLPQ40-EP 5x5 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.90
0.80
1.00
A1
0.02
0.00
0.05
b
0.20
0.15
0.25
D
5
E
5
D2
3.65
3.50
3.75
E2
3.65
3.50
3.75
e
0.40
L1
0.377
0.277
0.477
L2
0.40
0.30
0.50
K0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39