| Moteur de recherche de fiches techniques de composants électroniques |
|
LM2904AH Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM2904AH Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 19 page ![]() Macromodel LM2904AH 14/19 DocID028399 Rev 2 7 Macromodel An accurate macromodel of the LM2904AH is available on STMicroelectronics’ web site at: www.st.com. This model is a trade-off between accuracy and complexity (that is, time simulation) of the LM2904AH operational amplifier. It emulates the nominal performances of a typical device within the specified operating conditions mentioned in the datasheet. It also helps to validate a design approach and to select the right operational amplifier, but it does not replace on-board measurements. |