Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9959S Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce L9959S
Description  Single and dual PMOS high-side H-bridge
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959S Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button L9959S Datasheet HTML 28Page - STMicroelectronics L9959S Datasheet HTML 29Page - STMicroelectronics L9959S Datasheet HTML 30Page - STMicroelectronics L9959S Datasheet HTML 31Page - STMicroelectronics L9959S Datasheet HTML 32Page - STMicroelectronics L9959S Datasheet HTML 33Page - STMicroelectronics L9959S Datasheet HTML 34Page - STMicroelectronics L9959S Datasheet HTML 35Page - STMicroelectronics L9959S Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
SPI functional description
L9959S, L9959T
32/43
DocID023416 Rev 6
5.4
SPI - control and status registers
Table 26. Device identifier (ID)
Bit
7
6
5
4
3
2
1
0
Name
ID<7>
ID<6>
ID<5>
ID<4>
ID<3>
ID<2>
ID<1>
ID<0>
Bit
Name
Content
7:0
ID<7:0>
Device ID: DFH
Table 27. Revision register (REV)
Bit
7
6
5
4
3
2
1
0
Name
SWR<3>
SWR<2>
SWR<1>
SWR<0>
MSR<3>
MSR<2>
MSR<1>
MSR<0>
Bit
Name
Content
7:4
SWR<3:0> Software Revision: 0H
3:0
MSR<3:0> Mask Set Revision: 03H
Table 28. DIA_REG1
Bit
7
6
5
4
3
2
1
0
Name
/ABE / DIS
OT
Res
Res
DIA21
DIA20
DIA11
DIA10
Bit
Name
Content
7
/ABE / DIS
Disable: 0, if /ABE = 0 or DIS = 1
6
OT
Over temperature
5:4
Reserved
0
3
DIA21
Diagnose Bits (Table 29: Diagnosis bits (DIA_REG1))
2
DIA20
1
DIA11
0
DIA10
Reset(5.4.
1)
7
6
5
4
3
2
1
0
POR
X
1
1
1
1
1
1
1
SPIR
X
1
X
X
1
1
1
1
ENDISR
X
1
X
X
1
1
1
1
RDR
X
X
X
X
X
X
X
X
DIACLR1
X
1
X
X
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43