Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L5963 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce L5963
Description  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button L5963 Datasheet HTML 37Page - STMicroelectronics L5963 Datasheet HTML 38Page - STMicroelectronics L5963 Datasheet HTML 39Page - STMicroelectronics L5963 Datasheet HTML 40Page - STMicroelectronics L5963 Datasheet HTML 41Page - STMicroelectronics L5963 Datasheet HTML 42Page - STMicroelectronics L5963 Datasheet HTML 43Page - STMicroelectronics L5963 Datasheet HTML 44Page - STMicroelectronics L5963 Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
DocID028553 Rev 1
41/45
L5963
Package information
44
9.3
PowerSSO-36 (slug-up) package information
Figure 17. PowerSSO-36 (slug-up) package outline
Table 10. PowerSSO-36 slug-up package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.15
-
2.45
0.0846
-
0.0965
A2
2.15
-
2.35
0.0846
-
0.0925
a1
0
-
0.10
-
0.0039
b
0.18
-
0.36
0.0071
-
0.0142
c
0.23
-
0.32
0.0091
-
0.0126
D(2)
10.10
-
10.50
0.3976
-
0.4134
E(2)
7.4
-
7.6
0.2913
-
0.2992
e
-
0.5
-
-
0.0197
-
e3
-
8.5
-
-
0.3346
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45