Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L2G3IS Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce L2G3IS
Description  MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G3IS Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button L2G3IS Datasheet HTML 18Page - STMicroelectronics L2G3IS Datasheet HTML 19Page - STMicroelectronics L2G3IS Datasheet HTML 20Page - STMicroelectronics L2G3IS Datasheet HTML 21Page - STMicroelectronics L2G3IS Datasheet HTML 22Page - STMicroelectronics L2G3IS Datasheet HTML 23Page - STMicroelectronics L2G3IS Datasheet HTML 24Page - STMicroelectronics L2G3IS Datasheet HTML 25Page - STMicroelectronics L2G3IS Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Package information
L2G3IS
24/26
DocID024950 Rev 3
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Figure 9. LGA-16: mechanical data and package dimensions
Dimensions (mm)
Ref.
Min.
Typ.
Max.
A1
1
A2
0.785
A3
0.200
D1
2.850
3.000
3.150
E1
3.500
L
1.750
N
0.500
M
0.040
0.100
0.160
M1
0.290
0.350
0.410
P
1.200
T1
0.290
0.350
0.410
T2
0.190
0.250
0.310
d
0.150
k
0.050
8409170_A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26