Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASM330LXH Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce ASM330LXH
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXH Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button ASM330LXH Datasheet HTML 48Page - STMicroelectronics ASM330LXH Datasheet HTML 49Page - STMicroelectronics ASM330LXH Datasheet HTML 50Page - STMicroelectronics ASM330LXH Datasheet HTML 51Page - STMicroelectronics ASM330LXH Datasheet HTML 52Page - STMicroelectronics ASM330LXH Datasheet HTML 53Page - STMicroelectronics ASM330LXH Datasheet HTML 54Page - STMicroelectronics ASM330LXH Datasheet HTML 55Page - STMicroelectronics ASM330LXH Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
DocID027411 Rev 3
53/56
ASM330LXH
Soldering information
56
7
Soldering information
The LGA package is compliant with the ECOPACK®, RoHS and "Green" standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020.
Leave "Pin 1 Indicator" unconnected during soldering.
Land pattern and soldering recommendations are available at www.st.com/mems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56