Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP83867CSRGZR Fiches technique(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
No de pièce DP83867CSRGZR
Description  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CSRGZR Fiches technique(HTML) 97 Page - Texas Instruments

Back Button DP83867CSRGZR Datasheet HTML 93Page - Texas Instruments DP83867CSRGZR Datasheet HTML 94Page - Texas Instruments DP83867CSRGZR Datasheet HTML 95Page - Texas Instruments DP83867CSRGZR Datasheet HTML 96Page - Texas Instruments DP83867CSRGZR Datasheet HTML 97Page - Texas Instruments DP83867CSRGZR Datasheet HTML 98Page - Texas Instruments DP83867CSRGZR Datasheet HTML 99Page - Texas Instruments DP83867CSRGZR Datasheet HTML 100Page - Texas Instruments DP83867CSRGZR Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 114 page
background image
DP83867CS, DP83867IS, DP83867E
www.ti.com
SNLS504 – OCTOBER 2015
9.6.89 Advanced Link Cable Diagnostics Control Register (ALCD_CTRL)
Table 100. Advanced Link Cable Diagnostics Control Register (ALCD_CTRL), Address 0x01A7
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
ALCD_SUM
0000 0000, RO
ALCD result
7:6
RESERVED
0, RO
RESERVED
5
ALCD_SUM_DONE
0, RO
ALCD Complete:
1 = ALCD process has completed.
0 = ALCD process has not completed.
4
ALCD_CLEAR
0, RW, SC
Clear ALCD:
1 = Reset the ALCD results.
3:0
RESERVED
0, RO
RESERVED
9.6.90 MMD3 PCS Control Register (MMD3_PCS_CTRL)
This register is accessed via indirect register access. See Extended Address Space Access for details
Table 101. MMD3 PCS Control Register (MMD3_PCS_CTRL), MMD3 Address 0x0000
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
PCS_RESET
0, RW, SC
MMD3 / MMD7 PCS Reset:
1 = Reset the MMD3 and MMD7 registers. Note: Setting this bit will
subsequently cause a soft reset via the BMCR RESET bit (bit 15 of
register address 0x0000).
0 = Normal operation.
14:0
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More