Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPS3170AF Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STPS3170AF
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3170AF Fiches technique(HTML) 5 Page - STMicroelectronics

  STPS3170AF Datasheet HTML 1Page - STMicroelectronics STPS3170AF Datasheet HTML 2Page - STMicroelectronics STPS3170AF Datasheet HTML 3Page - STMicroelectronics STPS3170AF Datasheet HTML 4Page - STMicroelectronics STPS3170AF Datasheet HTML 5Page - STMicroelectronics STPS3170AF Datasheet HTML 6Page - STMicroelectronics STPS3170AF Datasheet HTML 7Page - STMicroelectronics STPS3170AF Datasheet HTML 8Page - STMicroelectronics STPS3170AF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID027020 Rev1
5/10
STPS3170
Package information
2
Package information
•
Epoxy meets UL94,V0
•
Lead-free package
•
Band indicates cathode
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 12. SMAflat dimensions definitions



Html Pages

1 2 3 4 5 6 7 8 9 10