Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP2CMP Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce STP2CMP
Description  Low voltage 2-channel constant current LED driver with charge pump
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP2CMP Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button STP2CMP Datasheet HTML 15Page - STMicroelectronics STP2CMP Datasheet HTML 16Page - STMicroelectronics STP2CMP Datasheet HTML 17Page - STMicroelectronics STP2CMP Datasheet HTML 18Page - STMicroelectronics STP2CMP Datasheet HTML 19Page - STMicroelectronics STP2CMP Datasheet HTML 20Page - STMicroelectronics STP2CMP Datasheet HTML 21Page - STMicroelectronics STP2CMP Datasheet HTML 22Page - STMicroelectronics STP2CMP Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
STP2CMP
Package information
DocID022734 Rev 2
19/23
Table 8: QFN20 (1.8x3.2 mm) package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.45
0.50
0.55
A1
0
0.02
0.05
A3
0.127
b
0.15
0.20
0.25
D
3.15
3.20
3.25
E
1.75
1.80
1.85
e
0.40
L
0.35
0.40
0.45
Figure 14: QFN20 (1.8x3.2 mm) recommended footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23