Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCF07PNR Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STCF07PNR
Description  High power buck-boost white LED driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF07PNR Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STCF07PNR Datasheet HTML 18Page - STMicroelectronics STCF07PNR Datasheet HTML 19Page - STMicroelectronics STCF07PNR Datasheet HTML 20Page - STMicroelectronics STCF07PNR Datasheet HTML 21Page - STMicroelectronics STCF07PNR Datasheet HTML 22Page - STMicroelectronics STCF07PNR Datasheet HTML 23Page - STMicroelectronics STCF07PNR Datasheet HTML 24Page - STMicroelectronics STCF07PNR Datasheet HTML 25Page - STMicroelectronics STCF07PNR Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Package mechanical data
STCF07
24/26
Doc ID 16757 Rev 3
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
99
101
3.898
3.976
T
14.4
0.567
Ao
4.35
0.171
Bo
4.35
0.171
Ko
1.1
0.043
Po
4
0.157
P
8
0.315
Tape & reel QFNxx/DFNxx (4x4) mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26