Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

78L33A Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce 78L33A
Description  Positive voltage regulators
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

78L33A Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button 78L33A Datasheet HTML 25Page - STMicroelectronics 78L33A Datasheet HTML 26Page - STMicroelectronics 78L33A Datasheet HTML 27Page - STMicroelectronics 78L33A Datasheet HTML 28Page - STMicroelectronics 78L33A Datasheet HTML 29Page - STMicroelectronics 78L33A Datasheet HTML 30Page - STMicroelectronics 78L33A Datasheet HTML 31Page - STMicroelectronics 78L33A Datasheet HTML 32Page - STMicroelectronics 78L33A Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
DocID2145 Rev 25
29/46
L78L
Package information
46
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
7.1
TO-92 package information
Figure 17. TO-92 package outline
0102782 D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46