Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

78L05 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce 78L05
Description  Positive voltage regulators
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

78L05 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button 78L05 Datasheet HTML 26Page - STMicroelectronics 78L05 Datasheet HTML 27Page - STMicroelectronics 78L05 Datasheet HTML 28Page - STMicroelectronics 78L05 Datasheet HTML 29Page - STMicroelectronics 78L05 Datasheet HTML 30Page - STMicroelectronics 78L05 Datasheet HTML 31Page - STMicroelectronics 78L05 Datasheet HTML 32Page - STMicroelectronics 78L05 Datasheet HTML 33Page - STMicroelectronics 78L05 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Package information
L78L
30/46
DocID2145 Rev 25
7.2
TO-92 packing information
Figure 18. TO-92 tape and reel outline
Table 22. TO-92 mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.32
4.95
b0.36
0.51
D4.45
4.95
E3.30
3.94
e2.41
2.67
e1
1.14
1.40
L
12.70
15.49
R2.16
2.41
S1
0.92
1.52
W0.41
0.56
V5°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46