Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7912CV-DG Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce L7912CV-DG
Description  Negative voltage regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7912CV-DG Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button L7912CV-DG Datasheet HTML 17Page - STMicroelectronics L7912CV-DG Datasheet HTML 18Page - STMicroelectronics L7912CV-DG Datasheet HTML 19Page - STMicroelectronics L7912CV-DG Datasheet HTML 20Page - STMicroelectronics L7912CV-DG Datasheet HTML 21Page - STMicroelectronics L7912CV-DG Datasheet HTML 22Page - STMicroelectronics L7912CV-DG Datasheet HTML 23Page - STMicroelectronics L7912CV-DG Datasheet HTML 24Page - STMicroelectronics L7912CV-DG Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
DocID2149 Rev 22
21/28
L79
Package mechanical data
28
Table 13. TO-220FP mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.4
4.6
B2.5
2.7
D2.5
2.75
E
0.45
0.7
F0.75
1
F1
1.15
1.70
F2
1.15
1.70
G
4.95
5.2
G1
2.4
2.7
H10
10.4
L2
16
L3
28.6
30.6
L4
9.8
10.6
L5
2.9
3.6
L6
15.9
16.4
L7
9
9.3
Dia
3
3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28