Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M35B32-WMC6TP Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce M35B32-WMC6TP
Description  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32-WMC6TP Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button M35B32-WMC6TP Datasheet HTML 26Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 27Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 28Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 29Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 30Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 31Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 32Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 33Page - STMicroelectronics M35B32-WMC6TP Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Power-up and power-down
M35B32
30/44
DocID18391 Rev 4
7.1.4
Power-down
At power-down (continuous decrease in VCC), as soon as VCC drops from the normal
operating voltage to below the power on reset threshold voltage, the device is reset and
stops responding to any instruction sent to it. During power-down, the device must be
deselected (the Chip Select (S) should be allowed to follow the voltage applied on VCC) and
in Standby Power mode (that is, there should be no internal Write cycle in progress).
As an extra protection, the Reset (RESET) signal can be driven low for the whole duration of
the power-up and power-down phases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44