Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24M02-DR Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce M24M02-DR
Description  2-Mbit serial IC bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02-DR Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button M24M02-DR Datasheet HTML 17Page - STMicroelectronics M24M02-DR Datasheet HTML 18Page - STMicroelectronics M24M02-DR Datasheet HTML 19Page - STMicroelectronics M24M02-DR Datasheet HTML 20Page - STMicroelectronics M24M02-DR Datasheet HTML 21Page - STMicroelectronics M24M02-DR Datasheet HTML 22Page - STMicroelectronics M24M02-DR Datasheet HTML 23Page - STMicroelectronics M24M02-DR Datasheet HTML 24Page - STMicroelectronics M24M02-DR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
DocID18204 Rev 8
21/38
M24M02-DR
Instructions
37
5.2.5
Read the lock status
The locked/unlocked status of the Identification page can be checked by transmitting a
specific truncated command [Identification Page Write instruction + one data byte] to the
device. The device returns an acknowledge bit if the Identification page is unlocked,
otherwise a NoAck bit if the Identification page is locked.
Right after this, it is recommended to transmit to the device a Start condition followed by a
Stop condition, so that:
•
Start: the truncated command is not executed because the Start condition resets the
device internal logic,
•
Stop: the device is then set back into Standby mode by the Stop condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38