Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS5294IPFPR Fiches technique(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADS5294IPFPR
Description  Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294IPFPR Fiches technique(HTML) 67 Page - Texas Instruments

Back Button ADS5294IPFPR Datasheet HTML 63Page - Texas Instruments ADS5294IPFPR Datasheet HTML 64Page - Texas Instruments ADS5294IPFPR Datasheet HTML 65Page - Texas Instruments ADS5294IPFPR Datasheet HTML 66Page - Texas Instruments ADS5294IPFPR Datasheet HTML 67Page - Texas Instruments ADS5294IPFPR Datasheet HTML 68Page - Texas Instruments ADS5294IPFPR Datasheet HTML 69Page - Texas Instruments ADS5294IPFPR Datasheet HTML 70Page - Texas Instruments ADS5294IPFPR Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 81 page
background image
CLKP
CLKM
Differential sine-
wave clock input
CLKP
CLKM
Differential
LVPECL
clock input
DIFFERENTIAL CLOCK CONNECTIONS
Rterm
CLKP
CLKM
Differential
LVDS
clock input
ADS529x
0.1 F
m
0.1 F
m
ADS529x
0.1 F
m
0.1 F
m
Rterm
ADS529x
Rterm
0.1 F
m
0.1 F
m
SINGLE-ENDED CLOCK CONNECTIONS
CLKP
CLKM
VCM
ADS529x
CMOS
CLOCK IN
ADS5294
www.ti.com
SLAS776D – NOVEMBER 2011 – REVISED SEPTEMBER 2015
Typical Application (continued)
The ADS5294 clock input can be driven by either a differential clocks (sine wave, LVPECL, or LVDS) or a
singled clock(LVCMOS). In the single-ended case, TI recommends that the use of low jitter square signals
(LVCMOS levels, 1.8-V amplitude). See TI document SLYT075 for further details on the theory.
The jitter cleaner CDCM7005 SCAS793, CDCE72010 SLAS490, LMK04803 SNAS489 is suitable to generate the
ADC clock of the ADS5294 and ensure the performance for the14-bit ADC with >75-dBFS SNR. Please note that
the location of LVDS Rterm depends on the LVDS clock driver. Some clock devices require the Rterm at the left
side of AC coupling capacitors.
Figure 64. Single-Ended Clock Drive Circuit
Figure 65. Differential Clock Drive Circuit
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Links: ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81