Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54ACTQ821 Fiches technique(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 54ACTQ821
Description  Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ821 Fiches technique(HTML) 2 Page - National Semiconductor (TI)

  54ACTQ821 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ821 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ821 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ821 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ821 Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ821 Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ821 Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ821 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Functional Description
The ACTQ821 consists of ten D-type edge-triggered
flip-flops. The buffered Clock (CP) and buffered Output En-
able (OE) are common to all flip-flops. The flip-flops will store
the state of their individual D inputs that meet the setup and
hold time requirements on the LOW-to-HIGH CP transition.
With OE LOW the contents of the flip-flops are available at
the outputs. When OE is HIGH the outputs go to the high im-
pedance state. Operation of the OE input does not affect the
state of the flip-flops.
The ACTQ821 is functionally and pin compatible with the
AM29821.
Function Table
Inputs
Internal
Outputs
Function
OE
CP
D
Q
O
H
N
L
L
Z
High Z
H
N
H
H
Z
High Z
L
N
L
L
L
Load
L
N
H
H
H
Load
H = HIGH Voltage Level
L = LOW Voltage Level
Z = HIGH Impedance
N = LOW-to-HIGH Clock Transition
Logic Diagram
DS100247-5
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8