Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD16N60M2 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STD16N60M2
Description  Extremely low gate charge
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD16N60M2 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STD16N60M2 Datasheet HTML 8Page - STMicroelectronics STD16N60M2 Datasheet HTML 9Page - STMicroelectronics STD16N60M2 Datasheet HTML 10Page - STMicroelectronics STD16N60M2 Datasheet HTML 11Page - STMicroelectronics STD16N60M2 Datasheet HTML 12Page - STMicroelectronics STD16N60M2 Datasheet HTML 13Page - STMicroelectronics STD16N60M2 Datasheet HTML 14Page - STMicroelectronics STD16N60M2 Datasheet HTML 15Page - STMicroelectronics STD16N60M2 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
STD16N60M2
Package mechanical data
DocID027191 Rev 2
13/16
4.2
Packing information
Figure 22: Tape for DPAK (TO-252)
P1
A0
D1
P0
F
W
E
D
B0
K0
T
User direction of feed
P2
10 pitches cumulative
tolerance on tape +/- 0.2 mm
User direction of feed
R
Bending radius
B1
For machine ref. only
including draft and
radii concentric around B0
AM08852v1
Top cover
tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16