Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STW28N60DM2 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce STW28N60DM2
Description  Extremely low gate charge and input capacitance
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW28N60DM2 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button STW28N60DM2 Datasheet HTML 12Page - STMicroelectronics STW28N60DM2 Datasheet HTML 13Page - STMicroelectronics STW28N60DM2 Datasheet HTML 14Page - STMicroelectronics STW28N60DM2 Datasheet HTML 15Page - STMicroelectronics STW28N60DM2 Datasheet HTML 16Page - STMicroelectronics STW28N60DM2 Datasheet HTML 17Page - STMicroelectronics STW28N60DM2 Datasheet HTML 18Page - STMicroelectronics STW28N60DM2 Datasheet HTML 19Page - STMicroelectronics STW28N60DM2 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Package information
STB28N60DM2, STP28N60DM2, STW28N60DM2
16/20
DocID027040 Rev 4
Table 12: TO-220 type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
b
0.61
0.88
b1
1.14
1.70
c
0.48
0.70
D
15.25
15.75
D1
1.27
E
10
10.40
e
2.40
2.70
e1
4.95
5.15
F
1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L
13
14
L1
3.50
3.93
L20
16.40
L30
28.90
øP
3.75
3.85
Q
2.65
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20