Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC56EL60L5CFSR Fiches technique(PDF) 131 Page - STMicroelectronics

No de pièce RPC56EL60L5CFSR
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFSR Fiches technique(HTML) 131 Page - STMicroelectronics

Back Button RPC56EL60L5CFSR Datasheet HTML 127Page - STMicroelectronics RPC56EL60L5CFSR Datasheet HTML 128Page - STMicroelectronics RPC56EL60L5CFSR Datasheet HTML 129Page - STMicroelectronics RPC56EL60L5CFSR Datasheet HTML 130Page - STMicroelectronics RPC56EL60L5CFSR Datasheet HTML 131Page - STMicroelectronics RPC56EL60L5CFSR Datasheet HTML 132Page - STMicroelectronics RPC56EL60L5CFSR Datasheet HTML 133Page - STMicroelectronics RPC56EL60L5CFSR Datasheet HTML 134Page - STMicroelectronics RPC56EL60L5CFSR Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 137 page
background image
DocID026934 Rev 1
131/137
RPC56EL60L5
Package characteristics
136
4
Package characteristics
4.1
ECOPACK®
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
4.2
Package mechanical data
Figure 39. LQFP144 package mechanical drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More